|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MTEH, MTES, and MTEZ TCXO Series Industry Standard Package RoHS Compliant Available Stability Available to 1 ppm Operating Voltage +3.3VDC or +5.0VDC Voltage Control Option ELECTRICAL SPECIFICATIONS: Output Frequency Range Load Supply Current Output Level Symmetry Freq. Stability vs Temp (Note 1) Freq. Stability vs Aging Freq. Stability vs Voltage Freq. Stability vs Load Storage Temperature Supply Voltage (Vdd) Control Voltage with VC option Pin 1 Connection No Connection VC Option Mechanical Trimmer HCMOS Clipped Sinewave Sinewave 1.000MHZ to 160.000MHZ 8.000MHZ to 160.000MHZ 8.000MHZ to 160.000MHZ 10k Ohms // 15pF 10k Ohms // 15pF 50 Ohms 35mA max 3mA max 25mA max Logic "1" = 90% of Vdd min 1.0V p-p min 7 dBm Logic "0" = 10% of Vdd max 40%/60% at 50% of N/A N/A Waveform (See Frequency Stability vs Temperature Table) 1 ppm per year max 0.3 ppm with a 5% change in Vdd 0.3 ppm with a 10% change in Load -40C to +85C +3.3VDC 5% +5.0VDC 5% +1.65VDC 1.50VDC Positive Slope +2.50VDC 2.00VDC Positive Slope No Connection 10 ppm min 3 ppm min PART NUMBER GUIDE: MTE Frequency Output H = HCMOS S = Clipped Sinewave Z = Sinewave RoHS Compliant Blank = Not Compliant F = is Compliant Supply Voltage 5 = +5 VDC 3 = +3.3 VDC Frequency Stability 10 = 1.0 ppm 15 = 1.5 ppm 20 = 2.0 ppm 25 = 2.5 ppm 30 = 3.0 ppm 50 = 5.0 ppm Operating Temperature A = 0C to +50C C = -20C to +70C D = -30C to +70C E = -30C to +80C F = -40C to +85C G = 0C to +70C Pin 1 Connection Blank = No Connect V = Voltage Control Please Consult with MMD Sales Department for any other Parameters or Options MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MTEH012907F FREQUENCY STABILITY vs TEMPERATURE TABLE: Code A G C D F Stability 10 Temp 1.0ppm 0C TO +50C 0C TO +70C -20C TO +70C -30C TO +70C -40C TO +85C = Available 15 1.5ppm 20 2.0ppm 25 30 50 2.5ppm 3.0ppm 5.0ppm = Consult with the Manufacturer MECHANICAL DIMENSIONS: 11.70 [.461] 5.60 [.220] MAX 7.50 [.295] 5.00 [.197] 21.30 [.839] 18.30 [.720] 22.30 [.878] 4.00 [.157] 15.00 [.591] 14 1 1.60 [.063] 22.10 [.870] 12.10 [.476] 3.00 [.118] 7.50 [.295] 8 7 4.00 [.157] 1.20 [.047] 3.15 [.124] 0.50 [.020] 4.35 [.171] RECOMMENDED LAND PATTERN DIMENSION IN BRACKETS ARE IN INCHES EXTERNAL BYPASS CAPACITOR IS RECOMMENDED ENVIRONMENT / MECHANICAL: Shock Solderability Solvent Resistance Vibration MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-883, Method 215 MIL-STD-883, Method 2007, Condition A MARKING: Line 1: MXX.XXX XX.XXX = Frequency in MHz Line 2: SYYMML S = Internal Code YYMM = Date Code (Year/Month) L = Denotes RoHS Compliant Line 3: XXXXX Internal Manufacture Code Black Dot to denote Pin 1 PHASE NOISE: PHASE NOISE PLOT COMING SOON MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MTEH012907F |
Price & Availability of MTEZ510A |